PART |
Description |
Maker |
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
PM1204 PM1204S PM1204STR |
AC Power Switch TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
Clare, Inc.
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
DAN217 DAN217U |
Switch Mode Power Supply; Output Power:76.8W; No. of Outputs:1; Output 1 VDC :24VDC; Output Current 1:3.2A; Power Supply Mounting:Chassis; Output Current:3.2A; Output Power Max:76.8W; Output Voltage:24VDC; Series:JWS RoHS Compliant: Yes 开关二极管 Switching diode
|
Rohm Co., Ltd.
|
DTA115 DTA115EE DAT115EKA DAT115ESA DAT115EUA DTA1 |
Digital transistors (built-in resistors) 数字晶体管(内置电阻 Switch Mode Power Supply; Output Power:5W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:1A; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:1A; Output Power Max:5W; Output Voltage:5VDC RoHS Compliant: Yes From old datasheet system
|
Rohm Co., Ltd. Rohm CO.,LTD.
|
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
ICS9147-01 ICS9147F-01 |
Frequency Generator & Integrated Buffers for PENTIUMTM Switch Mode Power Supply; Output Power:80W; Mounting Type:PCB; Output Current:8A; Output Power Max:80W; Output Power Min:60MW; Output Voltage:5VDC; Series:LPT60; Supply Voltage:370VDC; Supply Voltage Max:264VAC RoHS Compliant: Yes 频率发生
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] Integrated Device Technology
|
TDA6120Q TDA6120 |
Switch Mode Power Supply; Output Power:50W; No. of Outputs:1; Output 1 VDC :24VDC; Output Current 1:2.1A; Power Supply Mounting:DIN Rail; Approval Bodies:cURus; Approval Categories:NEC Class 2 Compliant; External Depth:3.58" RoHS Compliant: Yes Video output amplifier
|
NXP Semiconductors N.V. Philips Semiconductors
|
DAN803 DAP803 DA4148 DA4148A DA4148K |
Switch Mode Power Supply; Output Power:10W; No. of Outputs:2; Output 1 VDC :12VDC; Output Current 1:0.45A; Output 2 VDC -:12VDC; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:0.45A RoHS Compliant: Yes Small Signal Diode Arrays
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
H21L2 H21L1 |
ISO - LOGIC INVERTER SCHMITT TRIGGER INTERRUPTER SWITCH Iso-Logic Inverter Schmitt Trigger Interrupter Switch(带内置施密特触发器电路,集电极开路输出的光中断器(由砷化镓红外发光二极管 高速检测器电路组成
|
Electronic Theatre Controls, Inc. Isocom Components
|
PC900VIQ PC900VI PC900VQ PC900V |
SCHMITT-TRIGGER-OUTPUT OPTOCOUPLER,1-CHANNEL,5KV ISOLATION,SO LOGIC-GATE-OUTPUT OPTOCOUPLER,1-CHANNEL,5KV ISOLATION,DIP SCHMITT-TRIGGER-OUTPUT OPTOCOUPLER,1-CHANNEL,5KV ISOLATION,DIP From old datasheet system
|
Sharp Corp
|